Part Number Hot Search : 
620FA012 E003931 4730A TK15414 G1320 472M0 QB2412XT 015LC
Product Description
Full Text Search
 

To Download 2N5551-X-T92-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2n5551 npn silicon transistor high voltage switching transistor ? features * high collector-emitter voltage: v ceo =160v * high current gain ? applications * telephone switching circuit * amplifier to-92 1 1 sot-89 ? ordering information ordering number pin assignment normal lead free plating halogen free package 1 2 3 packing 2n5551-x-ab3-r 2n5551l-x-ab3-r 2n5551g-x-ab3-r sot-89 b c e tape reel 2N5551-X-T92-B 2n5551l-x-t92-b 2n5551g-x-t92-b to-92 e b c tape box 2n5551-x- 251 -k 2n5551l-x-251 -k 2n5551g-x-251 t o-251 e b c tube
? absolute maximum ratings (ta=25 , unless otherwise specified) parameter symbol ratings unit collector-base voltage v cbo 180 v collector-emitter voltage v ceo 160 v emitter-base voltage v ebo 6 v collector dissipation to-92 625 mw collector dissipation sot-89 p c 500 mw collector current i c 600 ma junction temperature t j +150 storage temperature t stg -55 ~ +150 note: absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? electrical characteristics (ta=25 , unless otherwise specified) parameter symbol test conditions min typ max unit collector-base breakdown voltage bv cbo i c =100 a, i e =0 180 v collector-emitter breakdown voltage bv ceo i c =1ma, i b =0 160 v emitter-base breakdown voltage bv ebo i e =10 a, i c =0 6 v collector cut-off current i cbo v cb =120v, i e =0 50 na emitter cut-off current i ebo v be =4v,i c =0 50 na dc current gain(note) h fe1 h fe2 h fe3 v ce =5v, i c =1ma v ce =5v, i c =10ma v ce =5v, i c =50ma 80 80 80 160 400 collector-emitter satu ration voltage v ce(sat) i c =10ma, i b =1ma i c =50ma, i b =5ma 0.15 0.2 v base-emitter saturation voltage v be(sat) i c =10ma, i b =1ma i c =50ma, i b =5ma 1 1 v current gain bandwidth product f t v ce =10v, i c =10ma, f=100mhz 100 300 mhz output capacitance c ob v cb =10v, i e =0 f=1mhz 6.0 pf noise figure nf i c =0.25ma, v ce =5v r s =1k , f=10hz ~ 15.7khz 8 db note: pulse test: pw<300 s, duty cycle<2% ? classification of h fe rank a b c range 80-170 150-240 200-400
2n5551 npn silicon transistor ? typical characteristics dc current gain collector current, i c (ma) v ce =5v collector output capacitance collector-base voltage (v) 0 2 4 6 8 10 f=1mhz i e =0 10 0 10 1 10 2 10 -1 10 0 10 1 10 2 10 3 10 0 10 1 10 2 10 3 collector current, i c (ma) saturation voltage (v) current gain-bandwidth product collector current, i c (ma) v ce =10v 10 0 10 1 10 2 10 3 10 0 10 1 10 2 10 3


▲Up To Search▲   

 
Price & Availability of 2N5551-X-T92-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X